Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF17NF25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF17NF25
Description  N-channel 250V - 0.14Ω - 17A - TO-220/FP - DPAK - I2PAK Low gate charge STripFET??II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF17NF25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF17NF25 Datasheet HTML 3Page - STMicroelectronics STF17NF25 Datasheet HTML 4Page - STMicroelectronics STF17NF25 Datasheet HTML 5Page - STMicroelectronics STF17NF25 Datasheet HTML 6Page - STMicroelectronics STF17NF25 Datasheet HTML 7Page - STMicroelectronics STF17NF25 Datasheet HTML 8Page - STMicroelectronics STF17NF25 Datasheet HTML 9Page - STMicroelectronics STF17NF25 Datasheet HTML 10Page - STMicroelectronics STF17NF25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STI17NF25 - STD17NF25 - STF17NF25 - STP17NF25
Electrical characteristics
7/17
Figure 7.
Normalized BVDSS vs temperature
Figure 8.
Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage
vs temperature
Figure 12. Normalized on resistance vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com