Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF17NF25 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STF17NF25
Description  N-channel 250V - 0.14Ω - 17A - TO-220/FP - DPAK - I2PAK Low gate charge STripFET??II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF17NF25 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STF17NF25 Datasheet HTML 5Page - STMicroelectronics STF17NF25 Datasheet HTML 6Page - STMicroelectronics STF17NF25 Datasheet HTML 7Page - STMicroelectronics STF17NF25 Datasheet HTML 8Page - STMicroelectronics STF17NF25 Datasheet HTML 9Page - STMicroelectronics STF17NF25 Datasheet HTML 10Page - STMicroelectronics STF17NF25 Datasheet HTML 11Page - STMicroelectronics STF17NF25 Datasheet HTML 12Page - STMicroelectronics STF17NF25 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STI17NF25 - STD17NF25 - STF17NF25 - STP17NF25
Test circuit
9/17
3
Test circuit
Figure 15. Switching times test circuit for
resistive load
Figure 16. Gate charge test circuit
Figure 17. Test circuit for inductive load
switching and diode recovery times
Figure 18. Unclamped Inductive load test
circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com