Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821QTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 25Page - STMicroelectronics STMPE821QTR Datasheet HTML 26Page - STMicroelectronics STMPE821QTR Datasheet HTML 27Page - STMicroelectronics STMPE821QTR Datasheet HTML 28Page - STMicroelectronics STMPE821QTR Datasheet HTML 29Page - STMicroelectronics STMPE821QTR Datasheet HTML 30Page - STMicroelectronics STMPE821QTR Datasheet HTML 31Page - STMicroelectronics STMPE821QTR Datasheet HTML 32Page - STMicroelectronics STMPE821QTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
STMPE821
Capacitive touch module registers
29/55
CTRL
Control
Address:
0x25
Type:
R/W
Reset:
0x00
Description:
Control
7654
3
2
1
0
RESERVED
F2A
HDC_U
HDC_C
HOLD
[7:4] 0x90
[3] F2A:
Write '1' to force device to remain in ACTIVE state at all times
[2] HDC_U:
Write '1' to perform unconditional host driven calibration.
Cleared to '0' when calibration is completed
Only applicable HOLD is '1'
[1] HDC_C:
Write '1' to perform conditional host driven calibration.
Calibration is performed if and only if no touch is detected.
Cleared to '0' when calibration is completed
Only applicable HOLD is '1'
[0] HOLD:
'0' to enable ETC
'1' to disable ETC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com