Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE821QTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 39Page - STMicroelectronics STMPE821QTR Datasheet HTML 40Page - STMicroelectronics STMPE821QTR Datasheet HTML 41Page - STMicroelectronics STMPE821QTR Datasheet HTML 42Page - STMicroelectronics STMPE821QTR Datasheet HTML 43Page - STMicroelectronics STMPE821QTR Datasheet HTML 44Page - STMicroelectronics STMPE821QTR Datasheet HTML 45Page - STMicroelectronics STMPE821QTR Datasheet HTML 46Page - STMicroelectronics STMPE821QTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
STMPE821
Basic PWM controller
43/55
10.1
PWM function register map
MASTER_EN
Master enabler
Address:
0xA1
Type:
R/W
Reset:
0x00
Description:
Write ‘1’ to select PWM function on the corresponding channel.
Table 11.
PWM function register map summary table
Register name
Description
Auto-increment
(during sequential R/W)
PWM_OFF_OUTPUT
Set the output level when PWM
is disabled
Yes
MASTER_EN
Enables/disables individual
basic PWM channels
Yes
PWM0_SET
PWM 0 setup
Yes
PWM0_CTRL
PWM 0 control
Yes
PWM0_RAMP_RATE
PWM 0 ramp rate
Yes
PWM1_SET
PWM 1 setup
Yes
PWM1_CTRL
PWM 1 control
Yes
RAMP1_RATE
PWM 1 ramp rate
Yes
PWM2_SET
PWM 2 setup
Yes
PWM2_CTRL
PWM 2 control
Yes
RAMP2_RATE
PWM 2 ramp rate
Yes
PWM3_SET
PWM 3 setup
Yes
PWM3_CTRL
PWM 3 control
Yes
PWM3_RATE
PWM 3 ramp rate
Yes
765
432
10
AF3
AF2
AF2
AF0
EN3
EN2
EN1
EN0
[7:4] AF3:0
[3:0] OUT3:0:
Default is '0'.
Write ‘1’ to used the corresponding PWM channel must be diabled for the controlling registers
to be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com