Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1200
Description  Memory Card IC 256 bit OTP EPROM with Lock-Out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1200 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1200 Datasheet HTML 1Page - STMicroelectronics ST1200 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST1200
2/2
The ST1200 is available in wafer form (either sawn
or unsawn) and in micromodule form (on film).
For deliveries in wafer form, the memory content is
at logical “0”, except for the 9th bit (bit 8).
If the delivery is in micromodule, the first bit (bit 0)
has been programmed at “1” for final test control.
FUNCTIONAL DESCRIPTION
The ST1200 has 3 operating modes in the normal
system environment. They are selected with the A
and B inputs, as shown in Table 2.
Power-On Reset
Because of the “power-on reset” feature, the
ST1200 is ready for operation (with the counter re-
set) after “tRST”. (tRST is the time for the output to
become available, after the establishment of a val-
id level on VCC). The ST1200 starts by presenting
the current cell (address 0) to the OUT pin.
Table 2. Operating Modes
A
B
Mode
0
0
Reset address counter
0
1
Increment address counter
1
1
Program memory cell
1
0
Forbidden
Figure 2. Memory Map
SCP083/AI
0
96
255
PROTECTED ZONE
NON PROTECTED ZONE
00
08
1
1*
1* : Only for deliveries in micromodules
Table 3. Ordering Information Scheme
Devices are shipped from the factory with the memory content set at all ‘0’s (00h).
For a list of available options (speed, package, etc...) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
ST1200
-
D10
Delivery Form
D10
Micromodule on Super 35 mm reel
B5
Wafer (280
µm thickness)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com