Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1200
Description  Memory Card IC 256 bit OTP EPROM with Lock-Out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1200 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1200 Datasheet HTML 1Page - STMicroelectronics ST1200 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
October 1999
Complete data available under NDA.
ST1200
Memory Card IC
256 bit OTP EPROM with Lock-Out
s
256 x 1 bit Organisation
s
96 bits Protected in Write Mode By Lock-Out
Fuse
s
5 V Power Supply (VCC) and 21 V Programming
Voltage (VPP)
s
85 mW in Read Mode
s
Power On Reset
s
Very High Reliability Level
s
Standard Delivery: Wafer Form and
Micromodule Package
DESCRIPTION
The ST1200 is a 256 bit OTP (one time program-
mable) EPROM, organized as 256 x 1, manufac-
tured using ST’s highly reliable and well proven
NMOS technology.
The security mechanism, called Lock-Out, allows
the user to inhibit, in write mode, the access to a
memory section of 96 bits. Thus, by blowing a
polysilicon fuse, the address bits 0 to 95 can be
protected against write.
The 9th bit of the ST1200 is set to a logical “1” for
device identification purposes. In order to avoid
any modification, ST has mask-programmed this
bit to the logic “1” state.
Micromodule (D10)
Wafer
Figure 1. Logic Diagram
DS120005
ST
VCC
B
GND
OUT
FUS
VPP
A
ST1200
Table 1. Signal Names
A
Function code
B
Function code
FUS
Fuse control
OUT
Data Output
ST
Strobe input
- validates function codes
- in programming mode used as a
programming pulse
VPP
Programming voltage (must be preset
before programming and held after)
VCC
Power
GND
Ground


Similar Part No. - ST1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
logo
Vishay Siliconix
ST1200-25T3KI VISHAY-ST1200-25T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Littelfuse
ST12001B LITTELFUSE-ST12001B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
International Rectifier
ST1200C IRF-ST1200C Datasheet
186Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
More results

Similar Description - ST1200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
Mar-2000
logo
Holtek Semiconductor In...
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC512 HOLTEK-HT27LC512 Datasheet
258Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com