Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC512 Datasheet (PDF) - Holtek Semiconductor Inc

HT27LC512 Datasheet PDF - Holtek Semiconductor Inc
Part # HT27LC512
Download  HT27LC512 Download
File Size   258.69 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description OTP CMOS 64Kx 8-Bit EPROM

HT27LC512 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT27LC512 Datasheet PDF - Holtek Semiconductor Inc

Part # HT27LC512
Download  HT27LC512 Click to download

File Size   258.69 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description OTP CMOS 64Kx 8-Bit EPROM

HT27LC512 Datasheet (HTML) - Holtek Semiconductor Inc


HT27LC512 Product details

General Description

The HT27C512 chip family is a low-power, 512K bit, +5V electrically one-time programmable (OTP) read-only memories (EPROM). Or ganized into 64K words with 8 bits per word, it features a fast single address location programming, typically at 75µs per byte.



Features

• Operating voltage: +5.0V

• Programming voltage

  – VPP=12.2V±0.2V

  – VCC=5.8V±0.2V

• High-reliability CMOS technology

• Latch-up immunity to 100mA from -1.0V to VCC+1.0V

• CMOS and TTL compatible I/O

• Low power consumption

  – Active: 30mA max.

  – Standby: 1µA typ.

• 64K×8-bit organization

• Fast read access time: 70ns, 90ns and 120ns

• Fast programming algorithm

• Programming time 75µs typ.

• Two line control (OE & CE)

• Standard product identification code

• Package type

  – 28-pin DIP/SOP

  – 32-pin PLCC

• Commercial temperature range(0°C to +70°C)




Similar Part No. - HT27LC512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
More results


Similar Description - HT27LC512

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com