Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC512 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT27LC512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC512 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT27LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Test waveforms and measurements
Output test load
Product Identification Code
Code
Pins
Hex
Data
A0
A1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer
0
1
00011100
1C
Device Type
1
1
10000011
83
Continuation
00
01111111
7F
10
01111111
7F
Note: CL=100pF including jig capacitance
tR, tF< 20ns (10% to 90%)
HT27LC512
5
6th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com