Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC512 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT27LC512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC512 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT27LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT27LC512
OTP CMOS 64K
×8-Bit EPROM
Block Diagram
Features
•
64K
×8-bit organization
•
Single +3.3V power supply
•
Programming voltage
–
VPP=12.2V
±0.2V
–
VCC=5.8V
±0.2V
•
Low power consumption
–
Active: 15mA max.
–
Standby: 1
µA typ.
•
Fast read access time: 120ns
•
CMOS and TTL compatible I/O
•
Commercial and industrial temperature range
•
Fast programming algorithm
•
Read access time: –120ns
•
Programming time 75
µs typ.
•
High-reliability CMOS technology
•
Latch-up immunity to 100mA from -1.0V to
VCC+1.0V
•
Two line control (OE & CE)
•
Standard product identification code
•
Package type
–
28-pin DIP/SOP
–
32-pin PLCC
•
Commercial temperature ranges
(0
°C to +70°C)
General Description
The HT27LC512 chip family is a low-power,
512K bit, +3.3V electrically one-time pro-
grammable
(O TP ) read-o nly memories
(EPROM). Organized into 64K words with 8
bits per word, it features a fast single address
location programming, typically at 75
µs per
byte. Any byte can be accessed in less than 120ns
with respect to Spec. This eliminates the need for
WAIT states in high-performance microprocessor
systems. The HT27LC512 has separate Output Enable
(OE) and Chip Enable (CE) controls which
eliminate bus contention issues.
1
6th May ’99


Similar Part No. - HT27LC512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
More results

Similar Description - HT27LC512

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
285Kb / 11P
OTP CMOS 128Kx 8-Bit EPROM
November 21, 2002
HT27C020 HOLTEK-HT27C020 Datasheet
286Kb / 11P
OTP CMOS 256Kx 8-Bit EPROM
10th May 99
HT27C512 HOLTEK-HT27C512 Datasheet
257Kb / 10P
OTP CMOS 64Kx 8-Bit EPROM
6th May 99
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com