Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC512 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT27LC512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC512 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT27LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
D.C. Characteristics
Read operation
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VCC
Conditions
VOH
Output High Level
3.3V IOH=–0.4mA
2.4
—
—
V
VOL
Output Low Level
3.3V IOL=2.0mA
—
—
0.45
V
VIH
Input High Level
3.3V
—
2.0
—
VCC+0.5
V
VIL
Input Low Level
3.3V
—
–0.3
—
0.8
V
ILI
Input Leakage Current
3.3V VIN=0 to 3.6V
–5
—
5
µA
ILO
Output Leakage Current
3.3V VOUT=0 to 3.6V
–10
—
10
µA
ICC
VCC Active Current
3.3V
CE=VIL, f=5MHz,
IOUT=0mA
——
15
mA
ISB1
Standby Current (CMOS)
3.3V CE=VCC
±0.3V
—
1.0
10
µA
ISB2
Standby Current (TTL)
3.3V CE=VIH
——
0.6
mA
IPP
VPP Read/Standby Current 3.3V CE=OE=VIL, VPP=VCC
——
100
µA
Programming operation
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VOH
Output High Level
5.8V IOH=–0.4mA
2.4
—
—
V
VOL
Output Low Level
5.8V IOL=2.1mA
—
—
0.45
V
VIH
Input High Level
5.8V
—
0.7VCC
—VCC+0.5
V
VIL
Input Low Level
5.8V
—
–0.5
—
0.8
V
ILI
Input Load Current
5.8V VIN=VIL, VIH
—
—
5.0
µA
VH
A9 Product ID Voltage
5.8V
—
11.5
—
12.5
V
ICC
VCC Supply Current
5.8V
—
—
—
40
mA
IPP
VPP Supply Current
5.8V CE=VIL
——
10
mA
HT27LC512
3
6th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com