Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1100U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1100U
Description  POWER SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1100U Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1100U Datasheet HTML 1Page - STMicroelectronics STPS1100U Datasheet HTML 2Page - STMicroelectronics STPS1100U Datasheet HTML 3Page - STMicroelectronics STPS1100U Datasheet HTML 4Page - STMicroelectronics STPS1100U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS1100U
April 1997 - Ed: 3
POWER SCHOTTKY RECTIFIERS
®
High voltage Schottky rectifier suited for SLIC
protection during the card insertion operation.
DESCRIPTION
SMB
(Plastic)
IF(AV)
1.5 A
VRRM
100 V
VF (max)
0.70 V
MAIN PRODUCT CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
100
V
IF(RMS)
RMS Forward Current
10
A
IF(AV)
Average Forward Current
TL = 90
°C
δ = 0.5
VR = 60V
1.5
A
IFSM
Surge Non Repetitive Forward Current
tp = 10 ms
Sinusoidal
75
A
IRRM
Peak Repetitive Reverse Current
tp = 2
µs
F = 1KHz
1A
IRSM
Non Repetitive Peak Reverse Current
tp = 100
µs
1A
Tstg
Tj
Storage Temperature Range
Max. Operating Junction Temperature
- 65 to + 150
115
°C
dV/dt
Critical Rate of Rise of Reverse Voltage
1000
V/
µs
ABSOLUTE RATINGS (limiting values)
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
LOW CAPACITANCE
HIGH REVERSE AVALANCHE SURGE CAPA-
BILITY
FEATURES AND BENEFITS
1/5


Similar Part No. - STPS1100U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1150 STMICROELECTRONICS-STPS1150 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 3
STPS1150 STMICROELECTRONICS-STPS1150 Datasheet
104Kb / 7P
Power Schottky rectifier
31-May-2006
STPS1150 STMICROELECTRONICS-STPS1150 Datasheet
357Kb / 13P
150 V, 1 A power Schottky rectifier
25-Sep-2019
STPS1150-Y STMICROELECTRONICS-STPS1150-Y Datasheet
89Kb / 7P
Automotive power Schottky rectifier
02-May-2012
STPS1150-Y STMICROELECTRONICS-STPS1150-Y Datasheet
178Kb / 9P
Automotive power Schottky rectifier
16-Apr-2018
More results

Similar Description - STPS1100U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4045CP STMICROELECTRONICS-STPS4045CP Datasheet
59Kb / 5P
POWER SCHOTTKY RECTIFIERS
Jun-1999
logo
Microsemi Corporation
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030C MICROSEMI-USD4030C Datasheet
89Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030S MICROSEMI-USD4030S Datasheet
86Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD520-1 MICROSEMI-USD520-1 Datasheet
99Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD635 MICROSEMI-USD635 Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6392 NJSEMI-1N6392 Datasheet
106Kb / 1P
POWER SCHOTTKY RECTIFIERS
USD835 NJSEMI-USD835 Datasheet
94Kb / 1P
POWER SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com