Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1100U Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1100U
Description  POWER SCHOTTKY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1100U Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1100U Datasheet HTML 1Page - STMicroelectronics STPS1100U Datasheet HTML 2Page - STMicroelectronics STPS1100U Datasheet HTML 3Page - STMicroelectronics STPS1100U Datasheet HTML 4Page - STMicroelectronics STPS1100U Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
2
5
10
20
50
100
10
20
50
100
200
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values).
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IFM(A)
VFM(V)
Tj=100°C
Tj=25°C
Fig. 8: Forward voltage drop versus forward
current (maximum values).
®
STPS1100U
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com