Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP3/1M Datasheet(PDF) 2 Page - Multicomp Pro

Part # ATP3/1M
Description  Converter Frequency to Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ATP3/1M Datasheet(HTML) 2 Page - Multicomp Pro

  ATP3/1M Datasheet HTML 1Page - Multicomp Pro ATP3/1M Datasheet HTML 2Page - Multicomp Pro ATP3/1M Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
22/04/13
Converter
Frequency to Voltage
Parameter
PNP
NPN
VR
Input Current - Input connected to 0V
I(in) @ 0V
0mA
<-1.6mA
Z(in) = 11k
Terminal Voltage - Connected to DVM
Input open
0V
4.5V
0V
Input Signal - Min MARK width
t(in)(mark)
5As (50% at 100kHz) 5As (50% at 100kHz)
x
Input Signal - Minimum SPACE width
t(in)(space)
4As (40% at 100kHz) 4As (40% at 100kHz)
x
Electrical Characteristics - Other
Parameter
Terminal
Values
Comments
Output Voltage - Full Scale
OUT
10V
See graph 1
Output Voltage - Zero Input
OUT
< 20mV
f(in) = 0 Hz
Output Source Current - max
OUT
3.3mA
V(out) = 10V (External Load = 3k)
Output Current - Limited
OUT
< 20mA
Output Connected to 0V
Output Voltage - Noise pk-pk
(excl. ripple)
OUT
< 5mV
f(in) = 100 kHz, V(out) = 10V
Output Voltage - Minimum
Rise Time
OUT
520µs
See graph 2
Output Voltage - Minimum Fall
Time
OUT
520µs
See graph 2
Input/Output Linearity
OUT
Better than ±0.5%
Full Scale
Over Range ‘OR’ Maximum
Voltage
OR
30V DC
Open Collector Output OFF
Over Range ‘OR’ Minimum
Voltage
OR
< 0.1V @ 100mA (max)
Open Collector Output ON
Input Voltage - DC Powered
+UNR I/O
12V to 24V (26V max) @ <25mA
< 60mA with o/p s/c to 0V
Input Voltage - Load Dump
Protection
+UNR I/O
+60V
See LM2931 Data Sheet for more
details
Input Voltage - Reverse Tran-
sient Protection
+UNR I/O
-50V
Input Voltage - AC Powered
V(AC)
110/115V or 230/240V
Fusing ~ 100mA - see Note1
Typical DC Output Voltage -
Rectified DC
+UNR I/O
17V (...M) & 23V (...M2)
No External Load, <150mV ripple
Available DC Output Current -
Rectified DC
+UNR I/O or +DET
12mA @ 12V (< 200mV ripple)
ATP3/1M - 0.5VA Transformer



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com