Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP3/1M Datasheet(PDF) 1 Page - Multicomp Pro

Part # ATP3/1M
Description  Converter Frequency to Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ATP3/1M Datasheet(HTML) 1 Page - Multicomp Pro

  ATP3/1M Datasheet HTML 1Page - Multicomp Pro ATP3/1M Datasheet HTML 2Page - Multicomp Pro ATP3/1M Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
22/04/13
Converter
Frequency to Voltage
Features:
• Easy to use
• Max Full Scale: 100kHz @ 10V Out
• Min Full Scale: 10Hz @ 10V Out
• Matched to many Input Devices
• Hysteresis on Inputs
• One Capacitor to set Full Scale
• Three Capacitors to set Filtering
• Three Status LED’s
• Over Range Output
• Excellent Linearity
• 10V Industry Standard Output
• Mains 110/115v or 230/240V
• DC Powered, 12V to 24V
Applications:
• Shaft Speed Control
• Conveyor Speed Control
• Closed loop Control Systems
• Monitoring and Speedometers
• Frequency to Voltage Conversion
• In Automobile R&D
• In Mining
• In Ship Building
• In Paper Making
Parameter
PNP
NPN
VR
Input Frequency - max
f(in)(max)
100kHz
100kHz
100kHz
Input Voltage - max
V(in)(max)
50V @ <5mA
50V @ 0mA
28V
Input Voltage - Rising Trigger Point
V(in+)
8.5V @ <0.5mA
1.5V @ <-1.6mA
40mV Max
Input Voltage - Falling Trigger Point
V(in-)
7.5V @ <0.5mA
1.1V @ <-1.6mA
-40mV Min
Input Voltage - Hysteresis
V(in)(hyst)
1V
0.4V
80mV
Input Voltage - min
V(in)(min)
-50V @ 0mA
-0.6V @ <-2mA
-28V
Electrical Characteristics - Signal Inputs


Similar Part No. - ATP3/1M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP301 SANYO-ATP301 Datasheet
277Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP301 ONSEMI-ATP301 Datasheet
359Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP301-TL-H SANYO-ATP301-TL-H Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP301-TL-H ONSEMI-ATP301-TL-H Datasheet
359Kb / 7P
P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP301 SANYO-ATP301_12 Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP3/1M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com