Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6263 Datasheet(PDF) 3 Page - THAT Corporation All rights reserved.

Part # 6263
Description  2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

6263 Datasheet(HTML) 3 Page - THAT Corporation All rights reserved.

  6263 Datasheet HTML 1Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 2Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 3Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 4Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 5Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 6Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 7Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 8Page - THAT Corporation All rights reserved. 6263 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
THAT 626x 2-Channel Low-Noise Programmable
Page 3 of 20
Document 600190 Rev 05
Gain Preamplifier – ADC Driver IC
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax +1 (508) 478-0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved.
System AC Characteristics (cont’d)
THD+N
1kHz, 2Vrms Out
+10dB Gain
-8dB Gain
—
—
0.0015
0.05
—
—
—
—
0.0015
0.05
—
—
—
—
0.0015
0.05
—
—
%
%
Equivalent Input
Noise
EIN
Rs=150Ω,20kHz BW
Gain = -8 dB
Gain = 1 dB
Gain = +10 dB
Gain = +22 dB
Gain = +34 dB
—
—
—
—
—
-102.5
-111.0
-118.5
-125.0
-127
—
—
—
—
—
—
—
—
—
—
-102.5
-111.0
-118.5
-125.0
-126
—
—
—
—
—
—
—
—
—
—
-102.5
-111.0
-118.5
-125.0
-126
—
—
—
—
—
dBu
dBu
dBu
dBu
dBu
Preamp
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage, Differential
VHV_OSI
—
±2.0
—
mV
Input Bias Current
IHV_B
—
2.5
—
µA
Input Offset Current
IHV_OS
—
250
—
nA
Slew Rate
SR
RL = 2 kΩ, CL = 5 pF
—
6.7
—
V/µS
VA+, VA- Power Supply Rej.
PSRRHV DC VA+ = -VA- = 3.9 V to 5.5 V
—
85
—
dB
Output Swing
VHV_OUT
VA- +1
—
VA+ –1
V
ADC Driver
Input Differential Voltage
VLV_in_dif
VA-
VA++2
V
Input Common-Mode Voltage
VLV_in_cm
Linear operation
3.5-2.5*VCM
VA++2
V
Voltage at CFB+, CFB-
VCFG+, CFB-
1.0
VAD
V
Differential Output Offset
VLV_OD
-2
±0.3
2
mV
LV Output Voltage
VLV_OUT
RL = 1 kΩ
0.5
—
VAD – 0.5
V
Slew Rate
SR
RL = 5 kΩ, CL = 10 pF
—
4.5
—
V/µS
Output Resistive Loading
RL
1
—
—
kΩ
Capacitive Load Stability
CL
CL Directly on Output Pins
—
—
100
pF
VAD Power Supply Rejection
PSRRLV
DC VAD = +3.8 V to +5.25 V
—
95
—
dB
VCM Input Impedance
ZCM
—
>100/2
—
MΩ /pF
VCM Input Voltage Range
VICM
(VAD/2)-1
VAD/2
(VAD/2)+1
V
Zero-Crossing Detector
Zero-Crossing Detector Threshold
VTZCD
—
±10
—
mV
Zero-Crossing Timeout
TZCD
—
22
35
ms
Digital I/O and Switching
High Level Input Voltage
VIH
0.7*VD
—
—
V
Low Level Input Voltage
VIL
—
—
0.3*VD
V
High Level Output Voltage
VOH
Iout = 4 mA
0.8*VD
—
—
V
Low Level Output Voltage
VOL
Iout = -4 mA
—
—
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com