Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6263 Datasheet (PDF) - THAT Corporation All rights reserved.

6263 Datasheet PDF - THAT Corporation All rights reserved.
Part # 6263
Download  6263 Download
File Size   1513.4 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description 2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC

6263 Datasheet (PDF)

Go To PDF Page Download Datasheet
6263 Datasheet PDF - THAT Corporation All rights reserved.

Part # 6263
Download  6263 Click to download

File Size   1513.4 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description 2-Channel Low-Noise Programmable-Gain Preamplifier - ADC Driver IC

6263 Datasheet (HTML) - THAT Corporation All rights reserved.


6263 Product details

FEATURES
 Low noise: –127 dBu EIN1 (max gain)
 –8 dB to +34 dB gain
 Choice of step size: 1, 3, or 6dB
 +16.5 dBu maximum input (min gain)
 Integrated ADC driver with reference input
 High common-mode rejection: >65dB
 Very low power: 30 mW per channel
 Unipolar or Bipolar power supplies
Analog: +10V +5V or ±5V; Digital: +3.3V
 Small form factor: 7x7mm QFN package
 Zero crossing detectors minimize zipper noise
 Daisy-chainable SPI control interface
 Individually controlled Standby and Mute
APPLICATIONS
 Digitally controlled input stages
Microphone preamplifiers
Instrumentation amplifiers
Differential amplifiers
 Audio mixing consoles
 PC audio interfaces
 Digital video cameras
 Digital audio snakes
 Portable audio recorders
 Programmable gain amplifiers




Similar Part No. - 6263

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
6263 PHILIPS-6263 Datasheet
334Kb / 11P
PENCIL TYPE U.H.F. MEDIUM-MU TRIODE
9.9.1960
logo
Pomona Electronics
6263 POMONA-6263 Datasheet
20Kb / 1P
IC Probe Tip Adapter
6263-0 POMONA-6263-0 Datasheet
20Kb / 1P
IC Probe Tip Adapter
6263-2 POMONA-6263-2 Datasheet
20Kb / 1P
IC Probe Tip Adapter
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
RING TONGUE
More results


Similar Description - 6263

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
LOW NOISE DUAL PREAMPLIFIER
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
List of Unclassifed Man...
THAT1510 ETC-THAT1510 Datasheet
129Kb / 6P
Low Noise, High Performance Microphone Preamplifier IC
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
LOW NOISE PREAMPLIFIER
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
Low Noise Preamplifier
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
List of Unclassifed Man...
THAT1512S08-U ETC2-THAT1512S08-U Datasheet
122Kb / 8P
Low-Noise, High Performance Audio Preamplifier IC
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com