Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQPL
Description  4.9 mm Square SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPL Datasheet HTML 1Page - Panasonic Semiconductor EVQPL Datasheet HTML 2Page - Panasonic Semiconductor EVQPL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
1.2
4.6
4.9
3.7
B'
A'
B
A
0.4
0.8
0.05
0.45
φ3.2
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
GND
Operating part
Be careful not to
scratch the film
PWB land pattern for reference
Circuit diagram
1.2
φ
2.4
4.6
4.9
φ
4.4
3.7
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
B’
A’
B
A
0.4
0.8
1.2
0.05
0.45
GND
1.5 0.2
0.1
+
–
Operating part
PWB land pattern for reference
Circuit diagram
■ Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Operating Life
500,000 cycles
500,000 cycles
200,000 cycles
200,000 cycles
Operating Life
500,000/2,000,000 cycles
500,000/2,000,000 cycles
200,000 cycles
200,000 cycles
EVQPLBA08
1.0 N
0.8 mm
EVQPLFA08
1.6 N
0.8 mm
EVQPLKA08
2.6 N
0.8 mm
EVQ5PLA08
3.5 N
0.8 mm
Part Numbers
Operating Force
Height
EVQPLDA15/PT5A15
1.0 N
1.5 mm
EVQPLHA15/PT9A15
1.6 N
1.5 mm
EVQPLMA15
2.6 N
1.5 mm
EVQ3PLA15
3.5 N
1.5 mm
No. 2
EVQPLB
EVQPLF
EVQPLK
EVQ5PL
(Embossed Taping)
Surface mount
For reflow soldering
Without push plate
EVQPLD/PT5
EVQPLH/PT9
EVQPLM
EVQ3PL
(Embossed Taping)
Surface mount
For reflow soldering
With push plate
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ANCTB11E 201703-Fd
 
Panasonic Corporation 2017
Panasonic Corporation Electromechanical Control Business Division
–2–
industrial.panasonic.com/ac/e/
General dimension tolerance : ± 0.2
( )dimensions are reference dimensions.
General dimension tolerance : ± 0.2
( )dimensions are reference dimensions.
201703ANCTB_E.indb 2
17/03/01 17:45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com