Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVQPL
Description  4.9 mm Square SMD Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVQPL Datasheet HTML 1Page - Panasonic Semiconductor EVQPL Datasheet HTML 2Page - Panasonic Semiconductor EVQPL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
φ1.0
R0.2±0.05
for Reflow
soldering
type
0.3 mm max.
Switch
Mounting surface
Test pole
Leaning angle range
90 °±4 °
(vertical direction)
180
260
MAX.
150
230
90±30
40±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
■ Recommended Operating Conditions
■ Recommended Shape of Test Pole
■ Recommended Reflow Soldering Conditions
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
● Embossed Carrier Taping
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQPL
EVQ3PL
EVQ5PL
EVQPT
0.8/1.5
5.0±0.2
5.0±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.35±0.1 1.0/1.7±0.2
–0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Panasonic Corporation Electromechanical Control Business Division
–3–
industrial.panasonic.com/ac/e/
ANCTB11E 201703-Fd
 
Panasonic Corporation 2017
Taping condition : Lack of products in the middle of taping should be
one MAX, but total quantity specified in the
specifications should be secured.
Peeling off strength of top tape : It should be within 0.2N to 1.0N at
165 degree in peeling off angle.
Joint of carrier tape : One joint per one reel may exist.
201703ANCTB_E.indb 3
17/03/01 17:45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com