Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4520004 Datasheet(PDF) 1 Page - Lapp.

Part # 4520004
Description  H07V-K (X07V-K)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

4520004 Datasheet(HTML) 1 Page - Lapp.

  4520004 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U.I. Lapp
GmbH
DATA SHEET
H07V-K (X07V-K)
(does not affect the separate, VDE approved H05V-K product)
DB 4520001EN
valid from: 16.10.2015
Originator:
ERBO1 / PCM
approved:
HAPF / PDC
document:
DB4520001EN
page 1 of 1
All rights reserved acc. to DIN ISO 16016.
PD 0019/2.2_11.10EN
Application
H07V-K (X07V-K) are single-conductor cables with thermoplastic PVC-insulation for installation inside of closed conduits and cable
ducting systems and on or under plaster as well as in similar closed systems. They are suitable for protected, stationary use in or
on lighting installation or control units/ switchgear in conjunction with voltages up to 1000 V AC or 750 V DC to-ground
Under individual part numbers, different core insulation colours and package types are offered for diverse application types. More
and more automatic harnessing machines are made use of by the manufacturing sector for the harnessing of such hook-up wires.
Especially therefor, we offer parts with embossed cable marking instead of printing and which are delivered inside big one-way
cardboard boxes with enhanced cable amount per box. Further standard package types are classic coils with standard order length
as well as spools with winded, fix standard length of this wire.
Package types
Coils:
Seven-digit part without final, alphabetic character
Plastic spool (up to max. 2,5 mm²):
Eight-digit part with final letter “S” on the eighth place
Small version of big one-way cardboard box:
Eight-digit part with final letter “K” on the eighth place
Big version of big one-way cardboard box:
Eight-digit part with final letter “E” on the eighth place
Design
acc. to EN 50525-2-31 (VDE 0285-525-2-31)
Conductor
fine wire strands of bare copper, acc. to IEC 60228 resp. EN 60228 (VDE 0295), Class 5
Core insulation
PVC compound type TI 1 acc. to EN 50363-3 (VDE 0207-363-3)
Electrical properties
Nominal voltage U0/U
450 / 750 V
Test voltage
2500 V AC
Mechanical and thermal properties
Minimum bending radius
at intended use:
AD 8 mm:
4 x outer diameter
8 mm < AD 12 mm:
5 x outer diameter
12 mm < AD:
6 x outer diameter
at cautious bending:
AD 8 mm:
2 x outer diameter
8 mm < AD 12 mm:
3 x outer diameter
12 mm < AD:
4 x outer diameter
Temperature range
Fixed installation (without vibration): -40 °C to +80 °C
Moved operation:
+5 °C to +70 °C
Laying/ handling:
Min. +5 °C
Short-circuit and ground leakage:
Max. +160 °C
Ambient temperature at storage:
Max. +40 °C
Max. conductor temperature:
+70 °C
Flammability
acc. to IEC 60332-1-2 resp. EN 60332-1-2 (VDE 0482-332-1-2)
Tests
acc. to EN 60811-100 (VDE 0473-811-100); EN 50395 (VDE 0481-395);
EN 50396 (VDE 0473-396);
The cable is characterized with the HAR HAR-sign or HAR-identification thread.
EU-Directives
These cables are conform to the EU-Directives 2014/35/EU (Low Voltage Directive),
and 2011/65/EU (RoHS, Restriction of the use of certain hazardous substances).


Similar Part No. - 4520004

ManufacturerPart #DatasheetDescription
logo
Lapp.
4520004 LAPP-4520004 Datasheet
462Kb / 7P
H07V-K
05.06.2018
More results

Similar Description - 4520004

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
3.3 V 32 K/64 K/128 K 횞 8/9
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
logo
Lapp.
0035700 LAPP-0035700 Datasheet
175Kb / 1P
HO5VVC4V5-K
01.10.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com