Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMBA0ES Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
29 / 105
Table 23. Regulator control during fault event bits
Regulator
Bit to disable the
regulator during current
limit
Bit to disable the
regulator during
undervoltage
Bit to disable the
regulator during
overvoltage
SW1
SW1_ILIM_STATE
SW1_UV_STATE
SW1_OV_STATE
SW2
SW2_ILIM_STATE
SW2_UV_STATE
SW2_OV_STATE
SWND1
SWND1_ILIM_STATE
SWND1_UV_STATE
SWND1_OV_STATE
LDO1
LDO1_ILIM_STATE
LDO1_UV_STATE
LDO1_OV_STATE
ILIM faults are debounced for 1.0 ms before they can be detected as a fault condition. If
the regulator is programed to disable upon an ILIM condition, the regulator turns off as
soon as the ILIM condition is detected.
OV/UV faults are debounced for defined filter time before they are detected as a fault
condition. If the regulator is programmed to disable upon an OV or UV, the regulator will
turn off if the fault persist for longer than 300 µs after the OV/UV fault has been detected.
RegX_STATE = 0 && Regx_FLT_REN = 0
ILIM fault
RegX_STATE = 0 && Regx_FLT_REN = 0
OV/UV fault
User
Enabled
300 µs
PGOOD
REGx
I_REGx
REGx_EN
RegX_PG
REGx_EN
REGx
User
Enabled
ILIM
1 ms
aaa-028057
Figure 12. Regulator turned off upon with RegX_STATE = 0 and FLT_REN = 0
When a regulator is programmed to disable upon an OV, UV, or ILIM fault, a bit is
provided to decide whether a regulator can return to its previous configuration or remain
disabled when the fault condition is cleared.
SWx_FLT_REN / LDOx_FLT_REN
• 0 = regulator remains disabled after the fault condition is cleared or no longer present
• 1 = regulator returns to its previous state if fault condition is cleared
If a regulator is programmed to remain disabled after clearing the fault condition, the
MCU can turn it back ON during the system On state by toggling OFF and ON the
corresponding mode/enable bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com