Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMBA0ES Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPF5020AMBA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMBA0ES Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPF5020AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5020AMBA0ES Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
8 / 105
12.2 Functional block diagram
aaa-029952
PF5020
FUNCTIONAL BLOCK DIAGRAM
CLOCK MANAGEMENT
EXTERNAL CLOCK SYNC
SPREAD SPECTRUM
MANUAL FREQUENCY TUNING
VSNVS (RTC SUPPLY)
(1.8 V/3.0 V/3.3 V, 10 mA)
LOGIC AND CONTROL
I2C
WATCHDOG
MCU INTERFACE
REGULATOR CONTROL
FAULT DETECTION
FUNCTIONAL SAFETY
LDO1
(1.5 V TO 5 V, 400 mA)
FAULT DETECTION AND
PROTECTION
(THERMAL/UV/OV/ILIM)
OTP
(FLEXIBLE CONFIGURATION)
SW1 (SINGLE/DUAL)
(0.4 V TO 1.8 V, 2.5 A)
SW2 (SINGLE/DUAL)
(VTT/0.4 V TO 1.8 V, 2.5 A)
SWND1 (SINGLE)
(1.0 V TO 4.1 V, 2.5 A)
Figure 4. Functional block diagram
12.3 Power tree summary
The following table provides a summary of the voltage regulators in the PF5020.
Table 8. Voltage supply summary
Regulator
Type
Input supply
Regulated output
range (V)
VOUT
programmable step
(mV)
IRATED (mA)
SW1
Buck
SW1IN
0.4 V to 1.8 V
6.25
2500
SW2
Buck
SW2IN
VTT/0.4 V to 1.8 V
6.25
2500
SWND1
Buck
SWND1IN
1.0 V to 4.1 V
—
2500
LDO1
Linear
LDO1IN
1.5 V to 5.0 V
—
400
VSNVS
LDO/Switch
VIN/LICELL
1.8 V/3.0 V/3.3 V
—
10
12.4 Device differences
Table 9. Device differences
Description
PF5020 non-safety PF5020 ASIL B
Bits not available on PF5020 non-
safety
During the self-test, the device checks:
• The high speed oscillator circuit is operating within
a maximum of 15 % tolerance
• A CRC is performed on the mirror registers during
the self-test routine to ensure the integrity of the
registers before powering up
• The output of both the voltage generation bandgap
and the monitoring bandgap are not more than 5 %
to 12 % apart from each other
• ABIST test on all voltage monitors and toggling
signals
Not available
Available
AB_SWx_OV
AB_SWx_UV
AB_LDO1_OV
AB_LDO1_UV
STEST_NOK
AB_RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com