Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D70/SP3 Datasheet(PDF) 5 Page - LEM

Part # ART-B22-D70/SP3
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D70/SP3 Datasheet(HTML) 5 Page - LEM

  ART-B22-D70/SP3 Datasheet HTML 1Page - LEM ART-B22-D70/SP3 Datasheet HTML 2Page - LEM ART-B22-D70/SP3 Datasheet HTML 3Page - LEM ART-B22-D70/SP3 Datasheet HTML 4Page - LEM ART-B22-D70/SP3 Datasheet HTML 5Page - LEM ART-B22-D70/SP3 Datasheet HTML 6Page - LEM ART-B22-D70/SP3 Datasheet HTML 7Page - LEM ART-B22-D70/SP3 Datasheet HTML 8Page - LEM ART-B22-D70/SP3 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Page 5/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Electrical data ART-B22-D125
At T
A = 25 °C, RL = 10 kΩ, unless otherwise noted.
Parameter
Symbol Unit
Min
Value
Max
Comment
Rated primary current
I
Pr
A
Not applicable 1)
Rated short-time thermal current
I
th
kA
300
@ 50 Hz 2)
Rated transformation ratio
k
ra
kA/V
44.44
@ 50 Hz
Rated frequency
f
r
Hz
50/60
Parameter
Symbol Unit
Min
Typ
Max
Comment
Secondary voltage
U
S
mV
22.5
@ 50 Hz, I
P = 1 kA
Mutual inductance
M
nH
72.14
Temperature coefficient of M
TCM
ppm/K
±30
Frequency bandwidth (−3 dB)
BW
kHz
373
3)
Cable length: 1.5 m
Phase displacement 4) @ 50/60 Hz
Δφ
°
0.004
3)
Coil inductance
L
S
µH
258
Coil resistance
R
S
Ω
81
Ratio error (centered)
ε
%
−0.5
0.5
Class 0.5 accuracy according to
IEC 61869-2
Ratio error (all positions)
ε
%
−0.75
0.75
5)
Including positioning error
Linearity error
ε
L
%
None
Influence of external current
ε
I ext
%
0
±0.2
±0.4
6)
Notes: 1) The Rogowski coil can measure any primary current as there is no saturation effect.
2)
Not tested given that in the worst case (load = 0 Ohm i.e. short circuit on the output) the peak dissipated power
remains low (< 2 Watts)
3)
Frequency bandwidth and phase shift modeling schematic can be provided on request.
4)
Referring to the main phase offset of 90 ° (a Rogowski coil is a derivative current transducer)
5)
Considering a primary conductor of at least ⌀ 15 mm, perpendicular and in contact with the Rogowski coil.
6)
Considering an external conductor of at least ⌀ 15 mm the same current level than internal conductor, perpendicular
and in contact with the Rogowski coil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com