Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D70/SP3 Datasheet(PDF) 1 Page - LEM

Part # ART-B22-D70/SP3
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D70/SP3 Datasheet(HTML) 1 Page - LEM

  ART-B22-D70/SP3 Datasheet HTML 1Page - LEM ART-B22-D70/SP3 Datasheet HTML 2Page - LEM ART-B22-D70/SP3 Datasheet HTML 3Page - LEM ART-B22-D70/SP3 Datasheet HTML 4Page - LEM ART-B22-D70/SP3 Datasheet HTML 5Page - LEM ART-B22-D70/SP3 Datasheet HTML 6Page - LEM ART-B22-D70/SP3 Datasheet HTML 7Page - LEM ART-B22-D70/SP3 Datasheet HTML 8Page - LEM ART-B22-D70/SP3 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Page 1/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Ref: ART-B22-D70, ART-B22-D125, ART-B22-D175, ART-B22-D300
N°97.M4.99.000.0, N°97.M7.99.000.0, N°97.M8.99.000.0, N° 97.M4.99.003.0; N° 97.M4.99.004.0; N° 97.M4.99.006.0; N° 97.M7.99.003.0; N° 97.M7.99.004.0; N° 97.M7.99.006.0;
N° 97.M8.99.003.0; N° 97.M8.99.004.0; N° 97.M8.99.006.0; N° 97.N3.99.000.0; N° 97.N3.99.003.0; N° 97.N3.99.004.0, N° 97.N3.99.006.0
Applications
● MV/LV substations on LV side: Transformer Condition
Monitoring
● Power metering: current measurement for active power
calculation
● Building sub-metering: energy efficiency monitoring,
consumption analysis and cost allocation
● Power quality monitoring: electrical loads and distribution
system equipment
● Fault Detection, Isolation and Repair
(FDIR): isolate the site of the fault
● Remote Terminal Units (RTU)
● Phasor Measurement Units (PMU).
Standards
● IEC 61010-1: 2010; IEC 61010-2-32: 2012
● 1) IEC 61869-1: 2007; IEC 61869-2: 2012
● 1) IEC 61869-6: 2016; IEC 61869-10: 2017
● UL 61010-1: 2012.
Features
● Rated insulation voltage 1000 V Cat III PD2
● Accuracy Class 0.5 (IEC 61869-2)
● Protection degree IP57
● ⌀ 70, ⌀ 125, ⌀ 175, ⌀ 300 mm sensing aperture
● 1.5 m output cable (other lengths available see page 8)
● Ambient temperature −40 °C … +80 °C
● Very flexible and thin coil: 6.1 mm
● Slot for attaching the loop on the primary with a cable tie
● ⌀ 2 mm hole to pass a security seal tampering
● An innovative patented clasp drastically reduces the
positioning error near the closing
● Internal shield for enhanced measurement accuracy at low
primary currents.
Advantages
● Thin, flexible, and light weight solution
● Very low positioning error
● Quick, non-intrusive and easy setup
● A single sensor for a large current range without overload
● Less influenced by external fields
● Adaptable for a large range of cable diameters.
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between
the primary circuit (power) and the secondary circuit (measurement). The patented Perfect Loop Technology
dramatically reduces both the error due to the position of the measured conductor within the aperture, and the error
due to the proximity of external conductors.
Accuracy Class 0.5
A
B
C
D
E
F
Ø
mm 56.0 18.9 33.7 2.0 1500.0 6.1
I
P
V
S+
V
S-
di
p/dt
70 - 125
175 - 300
Note:
1)
Performance standards: ART-B22 only partially fulfills these standards as a Rogowski coil has fundamental
differences compared to current transformers.


Similar Part No. - ART-B22-D70/SP3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART10012T IRF-ART10012T Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T IRF-ART10012T Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/CK IRF-ART10012T/CK Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/EM IRF-ART10012T/EM Datasheet
217Kb / 12P
28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART10012T/EM IRF-ART10012T/EM Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
More results

Similar Description - ART-B22-D70/SP3

ManufacturerPart #DatasheetDescription
logo
LEM
LT505-T LEM-LT505-T Datasheet
54Kb / 2P
DC, AC, poulsed.. with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit)
logo
Analog Devices
AN-0982 AD-AN-0982 Datasheet
716Kb / 4P
The Residual Phase Noise Measurement
REV. 0
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
ams AG
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
TMD3700 AMSCO-TMD3700 Datasheet
818Kb / 46P
The device features advanced Proximity measurement
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
Measurement Applications For the E6640A EXM Wireless Test Set
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
Pre-assembled reference fiber for the precise measurement of optical power
3069970 PHOENIX-3069970 Datasheet
72Kb / 4P
The automatically generated transformer short circuit and the shock-proof design ensure the highest degree of safety during measurement
logo
List of Unclassifed Man...
APA-104-4 ETC-APA-104-4 Datasheet
3Mb / 8P
The control circuit and the LBD share the only power source。
logo
Endress+Hauser Group Se...
CLD18 EH-CLD18 Datasheet
818Kb / 16P
Compact inductive conductivity measurement for the food and beverage industry
2021-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com