Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D70/SP6 Datasheet(PDF) 3 Page - LEM

Part # ART-B22-D70/SP6
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D70/SP6 Datasheet(HTML) 3 Page - LEM

  ART-B22-D70/SP6 Datasheet HTML 1Page - LEM ART-B22-D70/SP6 Datasheet HTML 2Page - LEM ART-B22-D70/SP6 Datasheet HTML 3Page - LEM ART-B22-D70/SP6 Datasheet HTML 4Page - LEM ART-B22-D70/SP6 Datasheet HTML 5Page - LEM ART-B22-D70/SP6 Datasheet HTML 6Page - LEM ART-B22-D70/SP6 Datasheet HTML 7Page - LEM ART-B22-D70/SP6 Datasheet HTML 8Page - LEM ART-B22-D70/SP6 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Page 3/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
RMS voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
7.4
Impulse withstand voltage 1.2/50 µs
Û
W
kV
12.8
Partial discharge RMS test voltage (q
m < 10 pC)
U
t
kV
1.65
According to IEC 60664-1
Clearance (pri. - sec.)
d
CI
mm
> 16
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
> 16
Shortest path along device
body
Case material
-
--
V0
According to UL 94
CTI
600
Application example
-
1000 V CAT III
PD2
Reinforced insulation
according to IEC 61010-1
Application example
-
1000 V CAT IV
PD2
Basic insulation according
to IEC 61010-1
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
80
Ambient storage temperature
T
S
°C
−40
80
Relative humidity (non-condensing)
RH
%
0
90
Altitude above sea level
m
2000
Mass ⌀ 70
m
g
124
Cable length: 1.5 m
Mass ⌀ 125
m
g
130
Cable length: 1.5 m
Mass ⌀ 175
m
g
138
Cable length: 1.5 m
Mass ⌀ 300
m
g
155
Cable length: 1.5 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com