Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D70/SP6 Datasheet(PDF) 9 Page - LEM

Part # ART-B22-D70/SP6
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D70/SP6 Datasheet(HTML) 9 Page - LEM

Back Button ART-B22-D70/SP6 Datasheet HTML 4Page - LEM ART-B22-D70/SP6 Datasheet HTML 5Page - LEM ART-B22-D70/SP6 Datasheet HTML 6Page - LEM ART-B22-D70/SP6 Datasheet HTML 7Page - LEM ART-B22-D70/SP6 Datasheet HTML 8Page - LEM ART-B22-D70/SP6 Datasheet HTML 9Page - LEM ART-B22-D70/SP6 Datasheet HTML 10Page - LEM ART-B22-D70/SP6 Datasheet HTML 11Page - LEM ART-B22-D70/SP6 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Rated transformation ratio k
ra
Ratio of k
ra to the actual secondary voltage.
Ratio error ε
The current ratio error, expressed as a percentage, is defined
by the formula:
Where:
k
ra: is the rated transformation ratio
I
P:
is the actual primary current
U
S: is the actual secondary voltage when IP is
flowing
Phase displacement Δφ
The Δφ is the difference in phase between the primary current
and the ideal secondary voltage phasors. The direction of
the phasors being that the angle is 90 ° (leading) for an ideal
Rogowski coil.
The phase displacement is said to be positive when the
secondary voltage phasor leads the primary current phasor.
Linearity error ε
L
The linearity error ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed as a percentage of I
Pr.
Rated short-time thermal current I
th
Maximum value of the primary current which the Rogowski will
withstand for a specified short time without suffering harmful
effects.
Performance parameters definition
ε =
× 100 %
k
ra Us − IP
I
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com