Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D125/SP4 Datasheet(PDF) 2 Page - LEM

Part # ART-B22-D125/SP4
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D125/SP4 Datasheet(HTML) 2 Page - LEM

  ART-B22-D125/SP4 Datasheet HTML 1Page - LEM ART-B22-D125/SP4 Datasheet HTML 2Page - LEM ART-B22-D125/SP4 Datasheet HTML 3Page - LEM ART-B22-D125/SP4 Datasheet HTML 4Page - LEM ART-B22-D125/SP4 Datasheet HTML 5Page - LEM ART-B22-D125/SP4 Datasheet HTML 6Page - LEM ART-B22-D125/SP4 Datasheet HTML 7Page - LEM ART-B22-D125/SP4 Datasheet HTML 8Page - LEM ART-B22-D125/SP4 Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Page 2/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
Absolute maximum ratings
Parameter
Symbol
Unit
Value
Maximum secondary voltage
U
S max
V
30
Maximum primary conductor temperature
T
B max
°C
105
Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum ratings for extended periods may degrade reliability.
UL 61010-1: Ratings and assumptions of certification
File # E330077 , Vol.D1
Standards
● UL 61010-1, Third Edition, May 11, 2012, Revised April 29 2016
● CAN/CSA-C22.2 No. 61010-1-12, 3rd Edition, Revision dated April 29 2016
● IEC 61010-2-032: 2012 (Third Edition), UL 61010-2-032 (IEC 61010-2-032:2012).
Ratings
Rated insulation voltage AC 1000 V, 50/60 Hz, CAT III, 2000 A.
Engineering conditions of acceptability
When installed in an end-product, consideration must be given to the following:
- ART series has been investigated as Type B current sensors according IEC 61010-2-032 3rd ed.
- The devices have been evaluated for overvoltage category III and pollution degree 2 environment use only.
For ART series, the need for the following shall be considered in the end-product:
- Markings and documentation that comply with Clause 5.
- The following tests shall be performed in the end-product evaluation: Dielectric Strength.
- The unit is considered acceptable for use in a max ambient of 80°C for ART series.
- A suitable enclosure shall be provided in the end-use application.
- The terminals have not been evaluated for field wiring.
- Primary conductor or busbar temperature should never exceed 100°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com