Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART-B22-D125/SP4 Datasheet(PDF) 10 Page - LEM

Part # ART-B22-D125/SP4
Description  Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

ART-B22-D125/SP4 Datasheet(HTML) 10 Page - LEM

Back Button ART-B22-D125/SP4 Datasheet HTML 4Page - LEM ART-B22-D125/SP4 Datasheet HTML 5Page - LEM ART-B22-D125/SP4 Datasheet HTML 6Page - LEM ART-B22-D125/SP4 Datasheet HTML 7Page - LEM ART-B22-D125/SP4 Datasheet HTML 8Page - LEM ART-B22-D125/SP4 Datasheet HTML 9Page - LEM ART-B22-D125/SP4 Datasheet HTML 10Page - LEM ART-B22-D125/SP4 Datasheet HTML 11Page - LEM ART-B22-D125/SP4 Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10/12
18January2018/version 6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
SPLIT CORE ROGOWSKI COIL
ART Series
LEM City answers the demand for an accurate, reliable and easy to install energy sensor for future Smart Cities.
www.lemcity.com
ART-B22-DXXX series: name and codification
ART-B22-DXXX
Other cable lengths available
Product name
Length (m)
Mass (g)
ART-B22-D70/SP3
3
192
ART-B22-D70/SP4
4.5
259
ART-B22-D70/SP6
6
327
ART-B22-D125/SP3
3
198
ART-B22-D125/SP4
4.5
265
ART-B22-D125/SP6
6
333
ART-B22-D175/SP3
3
206
ART-B22-D175/SP4
4.5
273
ART-B22-D175/SP6
6
341
ART-B22-D300/SP3
3
222
ART-B22-D300/SP4
4.5
290
ART-B22-D300/SP6
6
357
Family:
Rogowski coil
Output signal:
22.5: mV/kA
Aperture
D70:
⌀ 70 mm
D125: ⌀ 125 mm
D175: ⌀ 175 mm
D300: ⌀ 300 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com