Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV3-2000 Datasheet(PDF) 2 Page - LEM

Part # CV3-2000
Description  Voltage Transducer CV 3-2000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-2000 Datasheet(HTML) 2 Page - LEM

  CV3-2000 Datasheet HTML 1Page - LEM CV3-2000 Datasheet HTML 2Page - LEM CV3-2000 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2/3
01August2023/Version 12
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
Voltage Transducer CV 3-2000
Insulation coordination
U
d
RMS voltage for AC insulation test, 50 Hz, 1 min
6
kV
U
t
Partial discharge RMS test voltage (q
m< 10 pC)
2
kV
Min
d
Cp
Creepage distance
83.8
mm
d
CI
Clearance
76.4
mm
CTI
Comparative tracking index (group I)
600
Safety
This transducer must be used in limited-energy secondary circuits according to
IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect
to applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (e.g. primary connections, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com