Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV3-2000 Datasheet(PDF) 1 Page - LEM

Part # CV3-2000
Description  Voltage Transducer CV 3-2000
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-2000 Datasheet(HTML) 1 Page - LEM

  CV3-2000 Datasheet HTML 1Page - LEM CV3-2000 Datasheet HTML 2Page - LEM CV3-2000 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
01August2023/Version 12
LEM reserves the right to carry out modifications on its transducers,
in order to improve them.
LEM International SA
Route du Nant-d’Avril, 152
1217 Meyrin
www.lem.com
N° 97.76.69.000.0
Voltage Transducer CV 3-2000
For the electronic measurement of voltages: DC, AC, pulsed...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
U
P N
Primary nominal RMS voltage
1400
V
U
P M
Primary voltage, measuring range
0 … ±2000
V
U
S
Secondary voltage @ U
P max
10
V
N
P/NS
Turns ratio
2000 V : 10
V
R
L
Load resistance
≥ 1
kΩ
C
L
Load capacitance
≤ 5
nF
U
C
Supply voltage (±5 %)
±15
V
I
C
Current consumption
32 + U
S
/ R
L
mA
Accuracy - Dynamic performance data
Max
ε
tot
Total error @ U
P N,
T
A = 25 °C
±0.2
%
−40 ... +85 °C
±0.6
%
U
O
Offset voltage @ U
P = 0, TA = 25 °C
±5
mV
−40 ... +85 °C
±13
mV
t
D 90
Delay time to 90 % of the final output value for U
P N step
1)
0.4
μs
BW
Frequency bandwidth (−1 dB) @ 25 % of U
P N
DC … 300
kHz
General data
T
A
Ambient operating temperature
−40 ... +85
°C
T
A st
Ambient storage temperature
−45 ... +90
°C
P
P
Total primary power loss
3.1
W
R
P
Resistance of primary (winding)
640
kΩ
m
Mass
560
g
Standards
EN 50155: 2007 2)
EN 50121-3-2: 2015
Notes: 1) For a dv
/dt = 900 V/µs
2)
Deviation of the offset during the test IEC 61000-4-3 between
100 to 200 MHz: 15 % nominal value.
U
P N
= 1400 V
Features
● Closed loop (compensated)
voltage transducer using the Hall
effect
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Excellent accuracy
● Very good linearity
● Low temperature drift
● Optimized delay time
● Wide frequency bandwidth
● High immunity to external
interference
● Low disturbance in common
mode.
Applications
● Single or three phase inverters
● Propulsion and braking choppers
● Propulsion converters
● Auxiliary converters
● Battery chargers.
Application Domain
● Railway (fixed installations and
onboard).


Similar Part No. - CV3-2000

ManufacturerPart #DatasheetDescription
logo
LEM
CV3-2000 LEM-CV3-2000 Datasheet
87Kb / 2P
Voltage Transducer
More results

Similar Description - CV3-2000

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-2000 LEM-LV100-2000 Datasheet
66Kb / 2P
Voltage Transducer LV 100-2000
CV4-4000 LEM-CV4-4000 Datasheet
48Kb / 2P
Voltage Transducer CV 4-4000
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
logo
Adels-Contact
128203 ADELS-128203 Datasheet
118Kb / 2P
2000/ 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com