Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT200 Datasheet(PDF) 3 Page - LEM

Part # HAT200
Description  Current Transducer HAT 200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAT200 Datasheet(HTML) 3 Page - LEM

  HAT200 Datasheet HTML 1Page - LEM HAT200 Datasheet HTML 2Page - LEM HAT200 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3/3
27May2019/version 23
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
U
C
U
C
R
M
d
CI
d
Cp
I
P
Dimensions HAT 200 ... 1500-S (in mm)
Mechanical characteristics
● General tolerance
±1 mm
● Transducer fastening
By base-plate
or on busbar
with M4 screws
All holes
⌀ 4.5 mm
Recommended fastening torque 1.2 N·m (±10 %)
● Connection of secondary
Molex 5045-04A
Remarks
● U
out is positive when IP flows in the direction of the arrow.
● Temperature of the primary conductor should not exceed
105 °C.
● Installation of the transducer must be done unless
otherwise specified on the datasheet, according to LEM
Transducer Generic Mounting Rules. Please refer to
LEM document N°ANE120504 available on our Web site:
https://www.lem.com/en/file/3137/download/.
U
C
U
C
R
M
d
CI
d
Cp
I
P
第一视角
第三视角
第一视角
第三视角
U
C
U
C
R
M
d
CI
d
Cp
I
P
U
C
U
C
R
M
d
CI
d
Cp
I
P
Connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com