Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT200 Datasheet(PDF) 1 Page - LEM

Part # HAT200
Description  Current Transducer HAT 200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAT200 Datasheet(HTML) 1 Page - LEM

  HAT200 Datasheet HTML 1Page - LEM HAT200 Datasheet HTML 2Page - LEM HAT200 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
27May2019/version 23
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
N° 74.02.44.000.0, N° 74.02.48.000.0, N° 74.02.50.000.0, N° 74.02.52.000.0
N° 74.02.56.000.0, N° 74.02.60.000.0, N° 74.02.62.000.0, N° 74.02.65.000.0
I
P N = 200 ... 1500 A
U
out = ±4 V
Features
● Hall effect measuring principle
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Easy installation
● Low power consumption
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● DC motor drives
● Switched Mode Power Supplies
(SMPS)
● AC variable speed drives
● Uninterruptible Power Supplies
(UPS)
● Battery supplied applications
● Power supplies for welding
applications.
Application domain
● Industrial.
Current Transducer HAT 200 ... 1500-S
For the electronic measurement of currents: DC, AC, pulsed,...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
Type
Primary nominal
Primary current,
RoHS since
RMS current
measuring range 1)
date code
I
P N (A)
I
P M (A)
HAT 200-S
200
±600
47143
HAT 400-S
400
±1200
46115
HAT 500-S
500
±1500
46129
HAT 600-S
600
±1800
46115
HAT 800-S
800
±2400
46115
HAT 1000-S
1000
±2500
46097
HAT 1200-S
1200
±2500
77271
HAT 1500-S
1500
±2500
46158
U
C
Supply voltage (±5 %) 1)
±15
V
I
C
Current consumption
±20
mA
R
INS
Insulation resistance @ 500 V DC
> 1000
MΩ
U
out
Output voltage (Analog) @ ± I
P N, RL = 10 kΩ, TA= 25 °C
±4
V
R
out
Output internal resistance
100
Ω
R
L
Load resistance
> 10
kΩ
Accuracy - Dynamic performance data
ε
Error @ I
P N, TA = 25 °C (excluding offset)
≤ ±1
% of I
P N
ε
L
Linearity error 2) (0 ... ± I
P N)
≤ ±1
% of I
P N
U
O E
Electrical offset voltage @ T
A = 25 °C
< ±20
mV
U
O H
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
P N
< ±10
mV
TCU
O E Temperature coefficient of UO E
−40 °C ... +80 °C < ±1
mV/K
+80 °C ... +105 °C < ±1.5
mV/K
TCU
out Temperature coefficient of Uout (% of reading)
< ±0.1
%/K
t
D 90
Delay time 3) to 90 % of I
P N
< 5
µs
BW
Frequency bandwidth 4) (−3 dB)
DC ... 25
kHz
General data
T
A
Ambient operating temperature
−40 ... +105
°C
T
S
Ambient storage temperature
−40 ... +105
°C
m
Mass
300
g
Standards
EN 50178: 1997
UL 508: 2010 5)
Notes: 1) Operating at ±12 V ≤ U
C < ±15 V will reduce the measuring range
2)
Linearity data exclude the electrical offset
3)
For a di/dt = 50 A/µs.
4)
Please refer to derating curves in the technical file to avoid excessive core
heating at high frequency
5)
UL conform is only applicable @ T
A = −40 °C ... +85 °C.
U
C
U
C
R
M
d
CI
d
Cp
I
P


Similar Part No. - HAT200

ManufacturerPart #DatasheetDescription
logo
LEM
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
Current Transducer
More results

Similar Description - HAT200

ManufacturerPart #DatasheetDescription
logo
LEM
HAT500-S LEM-HAT500-S Datasheet
256Kb / 2P
Current Transducer HAT 500~1500-S
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
Current Transducer HNC- 200~300P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
Current Transducer LA 200-P
LB200-S LEM-LB200-S Datasheet
133Kb / 2P
Current Transducer LB 200-S/SP4
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com