Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR-P Datasheet(PDF) 4 Page - LEM

Part # HLSR-P
Description  Current Transducer HLSR-P/SP10 series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-P Datasheet(HTML) 4 Page - LEM

  HLSR-P Datasheet HTML 1Page - LEM HLSR-P Datasheet HTML 2Page - LEM HLSR-P Datasheet HTML 3Page - LEM HLSR-P Datasheet HTML 4Page - LEM HLSR-P Datasheet HTML 5Page - LEM HLSR-P Datasheet HTML 6Page - LEM HLSR-P Datasheet HTML 7Page - LEM HLSR-P Datasheet HTML 8Page - LEM HLSR-P Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4/10
23April2019/Version 1
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
HLSR-P/SP10 series
Electrical data HLSR 80-P/SP10
At T
A = 25 °C, UC = +5 V, RL = 10 kΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 11).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal RMS current
I
P N
A
80
Primary current, measuring range
I
P M
A
−200
200
For U
C > 4.6 V
Number of primary turns
N
P
-
1
Resistance of primary jumper @ T
A = 25 °C
R
P
mΩ
0.21
Resistance of primary jumper @ T
A = 105 °C
R
P
mΩ
0.29
T jumper = 120 °C
Supply voltage 1)
U
C
V
4.5
5
5.5
Current consumption
I
C
mA
19
25
Reference voltage (output)
U
ref
V
2.48
2.5
2.52
Internal reference
Reference voltage (input)
U
ref
V
0.5
2.65
External reference
Output voltage range @ I
P M
U
out − Uref
V
−2
2
Over operating temperature
range
Internal series resistance of reverence voltage
R
ref
Ω
130
200
300
series
Output internal resistance
R
out
Ω
2
5
series
Load capacitance
C
L
nF
0
6
Electrical offset voltage referred to primary @ I
P = 0
U
O E
mV
−5
5
U
out − Uref @ Uref = 2.5 V
Electrical offset current referred to primary
I
O E
mA
−500
500
Temperature coefficient of U
ref
TCU
ref
ppm/K
−200
200
−40 °C … 105 °C
Temperature coefficient of U
O E referred to primary
TCU
O E
mV/K
−0.075
0.075
−40 °C … 105 °C
Temperature coefficient of I
O E referred to primary
TCI
O E
mA/K
−7.5
7.5
−40 °C … 105 °C
Nominal sensitivity
S
N
mV/A
10
800 mV @ I
P N
Sensitivity error
ε
S
%
−0.5
0.5
Factory adjustment
Temperature coefficient of S
TCS
ppm/K
−250
250
−40 °C … 105 °C
Linearity error 0 … I
P N
ε
L
% of I
P N
−0.5
0.5
Linearity error 0 … I
P M
ε
L
% of I
P M
−0.5
0.5
Magnetic offset current
(@ 10 × I
P N) referred to primary
I
O M
A
−0.4
0.4
Delay time @ 10 % of I
P N
t
D 10
µs
2
@ 50 A/µs
Delay time @ 90 % of I
P N
t
D 90
µs
2.5
@ 50 A/µs
Frequency bandwidth (−3 dB)
BW
kHz
90
RMS noise voltage spectral density referred to primary
100 Hz … 100 kHz
u
no
µV/ Hz
√
5.6
RMS noise voltage referred to primary
DC … 10 kHz
DC … 100 kHz
DC … 1 MHz
U
no
mVpp
4.3
8.8
13.3
Sum of sensitivity and linearity @ I
P N
ε
S L
% of I
P N
−1
1
Sum of sensitivity and linearity @ I
P N @ TA = +85 °C
ε
S L 85 °C
% of I
P N
−3.1
3.1
See formula note 2)
Sum of sensitivity and linearity @ I
P N @ TA = +105 °C
ε
S L 105 °C
% of I
P N
−3.8
3.8
See formula note 2)
Notes: 1) 3.3 V SP version available
2)
( )
OE
L
A
L 25
A
P N
25
SS
TCI
T
TCS
T
I
εε

=
+
+
×
−






Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com