Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR-P Datasheet(PDF) 1 Page - LEM

Part # HLSR-P
Description  Current Transducer HLSR-P/SP10 series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-P Datasheet(HTML) 1 Page - LEM

  HLSR-P Datasheet HTML 1Page - LEM HLSR-P Datasheet HTML 2Page - LEM HLSR-P Datasheet HTML 3Page - LEM HLSR-P Datasheet HTML 4Page - LEM HLSR-P Datasheet HTML 5Page - LEM HLSR-P Datasheet HTML 6Page - LEM HLSR-P Datasheet HTML 7Page - LEM HLSR-P Datasheet HTML 8Page - LEM HLSR-P Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1/10
23April2019/Version 1
LEM International SA
Chemin des Aulx 8
1228 PLAN-LES-OUATES Switzerland
www.lem.com
LEM reserves the right to carry out modifications on its transducers,
in order to improve them, without prior notice
Current Transducer HLSR-P/SP10 series I
P N = 80 ... 120 A
Ref: HLSR 80-P/SP10, HLSR 100-P/SP10, HLSR 120-P/SP10
For the electronic measurement of current: DC, AC, pulsed..., with galvanic separation
between the primary and the secondary circuit.
N° 97.J3.31.010.0; N° 97.J3.34.010.0; N° 90.J3.36.010.0
Features
● Open loop multi-range current transducer
● Voltage output
● Single supply +5 V
● Galvanic separation between primary and secondary
● Low power consumption
● Compact design for through-hole PCB mounting
● Factory calibrated
● High bandwidth, very low loss magnetic core.
Special feature
● Silicon Iron Core.
Advantages
● Extremely low profile: h = 12 mm
● Low foot-print
● Low offset drift
● Over-drivable U
ref.
Applications
● AC variable speed and servo motor drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies (SMPS)
● Power supplies for welding applications
● Combiner box
● MPPT.
Standards
● IEC 61800-3: 2017
● IEC 61800-5-1: 2007
● IEC 61326-1: 2012
● IEC 62109-1: 2010
● UL 508: 2010.
Application Domain
● Industrial.


Similar Part No. - HLSR-P

ManufacturerPart #DatasheetDescription
logo
LEM
HLSR-P LEM-HLSR-P Datasheet
998Kb / 13P
Current Transducer
HLSR-P-SP33 LEM-HLSR-P-SP33 Datasheet
1Mb / 12P
Current Transducer
More results

Similar Description - HLSR-P

ManufacturerPart #DatasheetDescription
logo
LEM
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
Current Transducer HY 50-P
LA100-P LEM-LA100-P Datasheet
69Kb / 2P
Current Transducer LA 100-P
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
Current Transducer LA 150-P
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
Current Transducer LAH 50-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
CURRENT TRANSDUCER LA 100-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
Current Transducer LA 55-P
HLSR-10-P LEM-HLSR-10-P Datasheet
1Mb / 13P
Current Transducer HLSR-P series
HLSR-50-P LEM-HLSR-50-P Datasheet
1Mb / 13P
Current Transducer HLSR-P series
LT100-P LEM-LT100-P Datasheet
721Kb / 3P
Current Transducer LT 100-P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com