Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0641 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0641
Description  High precision, ±3.8ppm@25℃
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0641 Datasheet(HTML) 3 Page - DFROBOT

  DFR0641 Datasheet HTML 1Page - DFROBOT DFR0641 Datasheet HTML 2Page - DFROBOT DFR0641 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specification
Supply Voltage: 3.3V
I2C Address: 0x32
SRAM: 70 Byte (0x2C-0x71)
Timing Year Range: 2000 - 2099
Operating Temperature: -10℃ to +70℃
Timing Accuracy: ±3.8ppm @ 25℃
Dimension: 22.5x21mm/0.89x0.83"
Documents
Product wiki
Schematics
Shipping List
Fermion: SD3031 RTC module (Breakout) × 1
2.54-7P Black Single-row Pin Connector × 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com