Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0641 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0641
Description  High precision, ±3.8ppm@25℃
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0641 Datasheet(HTML) 2 Page - DFROBOT

  DFR0641 Datasheet HTML 1Page - DFROBOT DFR0641 Datasheet HTML 2Page - DFROBOT DFR0641 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Selection Guide
Features
Low power consumption, operating current of only 1.8µA when powered by button
cell battery
High precision, ±3.8ppm@25℃
Integrated temperature compensator, small temperature drift
Readable button cell voltage
Built-in 70Byte SRAM
Applications
Event Reminder
Countdown Devices
MCU External Wake-up Source
Clock & Alarm Output
IoT Data Collection & Storage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com