Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1025 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1025
Description  Introduction of 60W Adjustable DC-DC Buck Converter Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1025 Datasheet(HTML) 1 Page - DFROBOT

  DFR1025 Datasheet HTML 1Page - DFROBOT DFR1025 Datasheet HTML 2Page - DFROBOT DFR1025 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Introduction
What is a buck converter?
A buck converter is a DC-to-DC converter that steps down the input voltage and steps
up the output current. It does not waste as much power as heat as a linear regulator
does. A buck converter is made up of a switch, a diode, an inductor, and a capacitor.
The switch determines how much of the input voltage reaches the inductor and
capacitor. They act as filters to smooth out the output voltage and current.
Introduction of 60W Adjustable DC-DC Buck Converter Module
Still bothered by how to correctly power your RGB LED strip or get smooth servo
movement? Don’t worry, this 60W DC-DC buck converter takes care of all.
This buck converter module converts high-power 12V or lithium battery 11.1V to 5V
output. 60W power can be available with only one such module! Featuring adjustable
0.6V-5.1V output voltage and up to 18A output current, the module can be used to
drive a 5m WS2812 RGB LED strip or other device requiring low voltage and high
current.
In addition, the converter incorporates protective functions like short-circuit protection,
over-current protection, and overheating protection to ensure stable performance.


Similar Part No. - DFR1025

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1026 DFROBOT-DFR1026 Datasheet
1Mb / 4P
4 levels of charge/discharge electricity indication
More results

Similar Description - DFR1025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
60W DC-DC Converter P60A-Series
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
DC-DC CONVERTER 50~60W
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
60W,AC-DC CONVERTER
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
60W, AC/DC converter
logo
Minmax Technology Co., ...
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
DC/DC Power Module 60W
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
60W Single Output DC/DC Converter
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
60W Single Output DC/DC Converter
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
60W, AC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com