Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1025 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR1025
Description  Introduction of 60W Adjustable DC-DC Buck Converter Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1025 Datasheet(HTML) 2 Page - DFROBOT

  DFR1025 Datasheet HTML 1Page - DFROBOT DFR1025 Datasheet HTML 2Page - DFROBOT DFR1025 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safe Operating Range
The parameters of the safe operating range are tested in typical experiment
environments. It is recommended to measure the surface temperature of the buck
converter to determine if the dissipation needs to be improved.
- Surface temperature < 80℃: the converter performs steadily
- Surface temperature in 80 - 90℃: dissipation improvement recommended
- Surface temperature >90℃: dissipation improvement is required since the overheat
protection may be triggered at any time.
Features
Industrial-grade module,ensure long-term stable operation
1.8~5.1V output voltage adjustable
Large output current
Applications
Industrial applications
Battery-powered devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com