Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1034 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR1034
Description  Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1034 Datasheet(HTML) 2 Page - DFROBOT

  DFR1034 Datasheet HTML 1Page - DFROBOT DFR1034 Datasheet HTML 2Page - DFROBOT DFR1034 Datasheet HTML 3Page - DFROBOT DFR1034 Datasheet HTML 4Page - DFROBOT DFR1034 Datasheet HTML 5Page - DFROBOT DFR1034 Datasheet HTML 6Page - DFROBOT DFR1034 Datasheet HTML 7Page - DFROBOT DFR1034 Datasheet HTML 8Page - DFROBOT DFR1034 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
This series of DAC products not only offers a variety of output signal ranges, but also provides three
selectable resolutions: 8-bit, 12-bit, and 15-bit. It allows for the choice of either single-channel or dual-
channel configurations, and multiple modules can be cascaded to form a multi-channel output. When
coupled with Arduino controllers, Raspberry Pi, STM32, and similar controllers, it finds application in
various automation control scenarios, including:
Laboratory testing equipment
Automatic motor speed control
Indoor and outdoor lighting control
Automated volume adjustment
Backlight control for displays
etc.
The following table presents the functional parameters of each DAC product for reference in the selection
process.
INTRODUCTION
DFR1034-GP8503 (2-
Channel 12bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:26
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
https://wiki.dfrobot.com/SKU_DFR1034_2_Channel_12bit_I2C_to_0-VCC_DAC
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com