Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1034 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1034
Description  Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1034 Datasheet(HTML) 1 Page - DFROBOT

  DFR1034 Datasheet HTML 1Page - DFROBOT DFR1034 Datasheet HTML 2Page - DFROBOT DFR1034 Datasheet HTML 3Page - DFROBOT DFR1034 Datasheet HTML 4Page - DFROBOT DFR1034 Datasheet HTML 5Page - DFROBOT DFR1034 Datasheet HTML 6Page - DFROBOT DFR1034 Datasheet HTML 7Page - DFROBOT DFR1034 Datasheet HTML 8Page - DFROBOT DFR1034 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SKU:DFR1034 (https://www.dfrobot.com/product-2754.html)
(https://www.dfrobot.com/product-2754.html)
INTRODUCTION
DAC series modules are a range of products that can be
controlled through I2C or PWM signals to generate voltage or
current output signals. They possess the capability to produce
a variety of analog voltage or current signals, including 0-5V,
0-10V, 0-2.5V, 0-VCC, and 0-25mA.
An analog quantity refers to the continuous variation of voltage magnitude (or current magnitude) within a
specific range. Due to its stability, long transmission distance, and ease of use, it has found widespread
application in the field of industrial automation control, including:
Motor speed control
Sound intensity control
Temperature regulation
Adjustment of light brightness
Valve angle modulation
etc.
INTRODUCTION
DFR1034-GP8503 (2-
Channel 12bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:26
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
https://wiki.dfrobot.com/SKU_DFR1034_2_Channel_12bit_I2C_to_0-VCC_DAC
1/12


Similar Part No. - DFR1034

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1035 DFROBOT-DFR1035 Datasheet
1Mb / 12P
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
DFR1036 DFROBOT-DFR1036 Datasheet
260Kb / 3P
Support 3.3V-5V power supply.
DFR1037 DFROBOT-DFR1037 Datasheet
1Mb / 13P
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
2024/5/14
More results

Similar Description - DFR1034

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
2-channel I2C multiplexer
1999 Dec 15
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
logo
Samsung semiconductor
BL8531H-ADC SAMSUNG-BL8531H-ADC Datasheet
136Kb / 11P
12BIT 10MSPS ADC
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com