Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1036 Datasheet (PDF) - DFROBOT

DFR1036 Datasheet PDF - DFROBOT
Part # DFR1036
Download  DFR1036 Download
File Size   260.98 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Support 3.3V-5V power supply.

DFR1036 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1036 Datasheet PDF - DFROBOT

Part # DFR1036
Download  DFR1036 Click to download

File Size   260.98 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Support 3.3V-5V power supply.

DFR1036 Datasheet (HTML) - DFROBOT


DFR1036 Product details

FEATURES
• Support 3.3V-5V power supply.
• Output voltage error is less than 0.2%.
• Output voltage linearity error is 0.1%.
• Two channels of voltage output, either 0-5V or 0-10V, enabling connection
and control of standard analog voltage devices.
• Gravity interface, PWM communication, Arduino control, suitable for
program automation control.
• PWM signals can be utilized to drive the module, enabling it to be
controlled simply by the digital port of the MCU.
APPLICATIONS
• Automatic light adjustment
• Variable frequency drive (VFD)
• Automatic valve regulation
• Automatic water pump control




Similar Part No. - DFR1036

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1034 DFROBOT-DFR1034 Datasheet
1Mb / 12P
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
2024/5/14
DFR1035 DFROBOT-DFR1035 Datasheet
1Mb / 12P
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
DFR1037 DFROBOT-DFR1037 Datasheet
1Mb / 13P
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
2024/5/14
More results


Similar Description - DFR1036

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Maxim Integrated Produc...
MAX20087EVKIT MAXIM-MAX20087EVKIT_V01 Datasheet
1Mb / 7P
3.3V power supply
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com