Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1036 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1036
Description  Support 3.3V-5V power supply.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1036 Datasheet(HTML) 1 Page - DFROBOT

  DFR1036 Datasheet HTML 1Page - DFROBOT DFR1036 Datasheet HTML 2Page - DFROBOT DFR1036 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTRODUCTION
This is a 1-channel DAC module with PWM communication, a resolution of 8-
bit, and an accuracy of 0.2%, capable of generating analog voltage outputs of
0-10V or 0-5V. The 0-10V or 0-5V voltage output is a standard driving method.
It can be widely used in automation control scenarios such as lighting
adjustment, frequency converters, valve regulation, and pump control,etc. This
product can drive a variety of 0-10V or 0-5V controlled devices available in the
market through Arduino programming.
PWM signal drive allows the module to be controlled by MCU digital ports,
providing a simple and convenient usage.
DAC series modules are a range of products that can be controlled through
I2C or PWM signals to generate voltage or current output signals. This series
of DAC products not only offers a variety of output signal ranges, but also
provides three selectable resolutions: 8-bit, 12-bit, and 15-bit. It allows for the
choice of either single-channel or dual-channel configurations, and multiple
modules can be cascaded to form a multi-channel output.
Functional Diagram of Gravity: GP8101S 1-Channel PWM to 0-5V/10V DAC
Module


Similar Part No. - DFR1036

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1034 DFROBOT-DFR1034 Datasheet
1Mb / 12P
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
2024/5/14
DFR1035 DFROBOT-DFR1035 Datasheet
1Mb / 12P
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
DFR1037 DFROBOT-DFR1037 Datasheet
1Mb / 13P
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
2024/5/14
More results

Similar Description - DFR1036

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L194 PHILIPS-SC28L194 Datasheet
294Kb / 52P
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Maxim Integrated Produc...
MAX767 MAXIM-MAX767 Datasheet
192Kb / 20P
5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
Rev 2; 8/94
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
V 1.0
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Maxim Integrated Produc...
MAX20087EVKIT MAXIM-MAX20087EVKIT_V01 Datasheet
1Mb / 7P
3.3V power supply
2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com