Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1036 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR1036
Description  Support 3.3V-5V power supply.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1036 Datasheet(HTML) 2 Page - DFROBOT

  DFR1036 Datasheet HTML 1Page - DFROBOT DFR1036 Datasheet HTML 2Page - DFROBOT DFR1036 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wiring Diagram of Gravity: GP8101S 1-Channel PWM to 0-5V/10V DAC
Module and Arduino UNO
We provide various models of DAC modules. If you need a different model,
please check the selection guide:
Click here to get Selection Guide of DAC Modules
FEATURES
• Support 3.3V-5V power supply.
• Output voltage error is less than 0.2%.
• Output voltage linearity error is 0.1%.
• Two channels of voltage output, either 0-5V or 0-10V, enabling connection
and control of standard analog voltage devices.
• Gravity interface, PWM communication, Arduino control, suitable for
program automation control.
• PWM signals can be utilized to drive the module, enabling it to be
controlled simply by the digital port of the MCU.
APPLICATIONS
• Automatic light adjustment
• Variable frequency drive (VFD)
• Automatic valve regulation
• Automatic water pump control
SPECIFICATION
• Operating voltage: 3.3V to 5V
• Communication Method: PWM
• Chip Type: GP8101S
• Resolution: 8-bit
• Output Voltage: 0-5V or 0-10V
• Number of channels: 1 channel
• Value Range: 0 - 255 corresponding to 0-5V or 0-10V
• Output voltage: 0.2%
• Output voltage linearity error: 0.1%
DOCUMENTS
• Product wiki
SHIPPING LIST
• GP8101S: 1-Channel PWM to 0-5V/10V DAC Module ×1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com