Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1035 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR1035
Description  DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1035 Datasheet(HTML) 3 Page - DFROBOT

  DFR1035 Datasheet HTML 1Page - DFROBOT DFR1035 Datasheet HTML 2Page - DFROBOT DFR1035 Datasheet HTML 3Page - DFROBOT DFR1035 Datasheet HTML 4Page - DFROBOT DFR1035 Datasheet HTML 5Page - DFROBOT DFR1035 Datasheet HTML 6Page - DFROBOT DFR1035 Datasheet HTML 7Page - DFROBOT DFR1035 Datasheet HTML 8Page - DFROBOT DFR1035 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DFR1035 GP8512 (1-Channel 15bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
This is a 1-channel analog voltage output DAC module with I2C communication, 15-bit resolution, and
0.01% output voltage linearity error. It is well-suited for control projects operating within the 3.3V range,
such as ESP32, Raspberry Pi, STM32, and other microcontrollers that require analog signal output.
The high precision and resolution of this module make it suitable for control scenarios that require higher
signal accuracy, such as fine speed control or angle control.
INTRODUCTION
DFR1035 GP8512 (1-
Channel 15bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:24
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com