Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1035 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR1035
Description  DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1035 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR1035 Datasheet HTML 4Page - DFROBOT DFR1035 Datasheet HTML 5Page - DFROBOT DFR1035 Datasheet HTML 6Page - DFROBOT DFR1035 Datasheet HTML 7Page - DFROBOT DFR1035 Datasheet HTML 8Page - DFROBOT DFR1035 Datasheet HTML 9Page - DFROBOT DFR1035 Datasheet HTML 10Page - DFROBOT DFR1035 Datasheet HTML 11Page - DFROBOT DFR1035 Datasheet HTML 12Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Name
Description
Remarks
0-2.5V/0-VCC Switching Switch
0-VCC
Switch output voltage to 0V-VCC(Supply voltage)
0-2.5V
Switch output voltage to 0V-2.5V
Voltage Signal Output Port
VOUT
Positive terminal of output voltage signal
GND
Negative terminal of the output voltage signal
SPECIFICATIONS
Chip Type: GP8512
Operating Voltage: 3.3V-5V
Output Voltage: 0-2.5V or 0-VCC
Number of Channels: 1 channel
Communication Method: I2C
Resolution: 15-bit
Value Range: 0 - 32767 corresponding to 0-2.5V or 0-VCC
Output voltage linearity error: 0.01%
TUTORIAL
In this example,We will demonstrate the generation of distinct voltage values under two different
conditions.
Input signal value range: 0 - 32767
In the state of 0-2.5V: input 24903, resulting in an output of 1.9V.
In the state of 0-VCC: input 24903, resulting in an output of 3.8V.
INTRODUCTION
DFR1035 GP8512 (1-
Channel 15bit I2C to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:24
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com