Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1037 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1037
Description  SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1037 Datasheet(HTML) 1 Page - DFROBOT

  DFR1037 Datasheet HTML 1Page - DFROBOT DFR1037 Datasheet HTML 2Page - DFROBOT DFR1037 Datasheet HTML 3Page - DFROBOT DFR1037 Datasheet HTML 4Page - DFROBOT DFR1037 Datasheet HTML 5Page - DFROBOT DFR1037 Datasheet HTML 6Page - DFROBOT DFR1037 Datasheet HTML 7Page - DFROBOT DFR1037 Datasheet HTML 8Page - DFROBOT DFR1037 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SKU:DFR1037 (https://www.dfrobot.com/product-2755.html)
(https://www.dfrobot.com/product-2755.html)
INTRODUCTION
DAC series modules are a range of products that can be
controlled through I2C or PWM signals to generate voltage or
current output signals. They possess the capability to produce
a variety of analog voltage or current signals, including 0-5V,
0-10V, 0-2.5V, 0-VCC, and 0-25mA.
An analog quantity refers to the continuous variation of voltage magnitude (or current magnitude) within a
specific range. Due to its stability, long transmission distance, and ease of use, it has found widespread
application in the field of industrial automation control, including:
Motor speed control
Sound intensity control
Temperature regulation
Adjustment of light brightness
Valve angle modulation
etc.
INTRODUCTION
DFR1037 GP8501 (2-
Channel PWM to 0-
2.5V/VCC DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:29
SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1037_2_Channel_PWM_to_0-VCC_DAC
1/13


Similar Part No. - DFR1037

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1034 DFROBOT-DFR1034 Datasheet
1Mb / 12P
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
2024/5/14
DFR1035 DFROBOT-DFR1035 Datasheet
1Mb / 12P
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
DFR1036 DFROBOT-DFR1036 Datasheet
260Kb / 3P
Support 3.3V-5V power supply.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com