Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1063 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR1063
Description  Romeo mini Control Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1063 Datasheet(HTML) 1 Page - DFROBOT

  DFR1063 Datasheet HTML 1Page - DFROBOT DFR1063 Datasheet HTML 2Page - DFROBOT DFR1063 Datasheet HTML 3Page - DFROBOT DFR1063 Datasheet HTML 4Page - DFROBOT DFR1063 Datasheet HTML 5Page - DFROBOT DFR1063 Datasheet HTML 6Page - DFROBOT DFR1063 Datasheet HTML 7Page - DFROBOT DFR1063 Datasheet HTML 8Page - DFROBOT DFR1063 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SKU:DFR1063 (https://raw.githubusercontent.com/espressif/arduino-esp32/gh-
pages/package_esp32_index.json)
Introduction
The Romeo mini robot controller is the ESP32 version of the Romeo BLE mini. It features an onboard
ESP32-C3 module, supporting Wi-Fi and Bluetooth 5 dual-mode communication, and has two channels of
1.7A motor drivers.
Romeo mini has 9 IO interfaces (supporting analog, digital, UART, and I2C), with each interface compatible
with the Gravity standard. It can be connected to various Gravity sensor modules. The servo interface can
provide stable power supply through the servo power port for servos and other high-current devices.
Additionally, it has a built-in GDI interface on the back for connecting an IPS display screen to show project-
related information. The controller can meet the control requirements for robot motors and servos.
Features
Main control + WiFi + Bluetooth 5 integrated motor driver development board
Compact size
Support for IPS TFT display screen
Offers options for servo and motor control schemes
Specification
Basic Parameters:
Introduction
Features
Specification
Board Overview
Dimension Drawing
Tutorial
Frequently Asked
Questions
More
2024/5/15 10:52
Romeo mini Control Board
(ESP32-C3)
https://wiki.dfrobot.com/SKU_DFR1063_Romeo_mini_Control_Board_ESP32_C3
1/32


Similar Part No. - DFR1063

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR100 DUBILIER-DFR100 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR1025 DFROBOT-DFR1025 Datasheet
117Kb / 3P
Introduction of 60W Adjustable DC-DC Buck Converter Module
DFR1026 DFROBOT-DFR1026 Datasheet
1Mb / 4P
4 levels of charge/discharge electricity indication
DFR1034 DFROBOT-DFR1034 Datasheet
1Mb / 12P
Gravity: GP8503 2-Channel 12bit I2C to 0-2.5V/VCC DAC Module
2024/5/14
DFR1035 DFROBOT-DFR1035 Datasheet
1Mb / 12P
DFR1035_1_Channel_15bit_I2C_to_0-VCC_DAC WIKI
More results

Similar Description - DFR1063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
Power Minder??Mini-Board
logo
STMicroelectronics
STEVAL-IHM002V1 STMICROELECTRONICS-STEVAL-IHM002V1 Datasheet
104Kb / 4P
BLDC & AC motor control control board indart
02-Mar-2006
logo
Green Power Solutions s...
GSCB6 GPSEMI-GSCB6 Datasheet
215Kb / 3P
SCR CONTROL BOARD
logo
Schurter Inc.
1070003701 SCHURTER-1070003701 Datasheet
60Kb / 2P
Touch Screen - Control Board
logo
Texas Instruments
MDL-STEPPER TI-MDL-STEPPER Datasheet
203Kb / 4P
Stepper Motor Control Board
logo
Green Power Solutions s...
GSCB6 GPSEMI-GSCB6_17 Datasheet
156Kb / 2P
SCR CONTROL BOARD
logo
List of Unclassifed Man...
M.NT68676.2A ETC2-M.NT68676.2A Datasheet
293Kb / 7P
MONITOR CONTROL BOARD
logo
Adlink Technology Inc.
AMITX-RZ-G ADLINK-AMITX-RZ-G Datasheet
602Kb / 3P
Mini-ITX Embedded Board
logo
List of Unclassifed Man...
MT6820 ETC-MT6820 Datasheet
685Kb / 12P
LCD Control board specification
V3.0
logo
AAEON Technology
AIOT-MSSP01 AAEON-AIOT-MSSP01 Datasheet
1Mb / 2P
Mini SSP Vending Control Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com