Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1063 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR1063
Description  Romeo mini Control Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1063 Datasheet(HTML) 2 Page - DFROBOT

  DFR1063 Datasheet HTML 1Page - DFROBOT DFR1063 Datasheet HTML 2Page - DFROBOT DFR1063 Datasheet HTML 3Page - DFROBOT DFR1063 Datasheet HTML 4Page - DFROBOT DFR1063 Datasheet HTML 5Page - DFROBOT DFR1063 Datasheet HTML 6Page - DFROBOT DFR1063 Datasheet HTML 7Page - DFROBOT DFR1063 Datasheet HTML 8Page - DFROBOT DFR1063 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Main control chip: ESP32-C3-MINI-1
Type-C input voltage: 5V
VIN input voltage: 5-15V
Motor output current: 1.7A continuous drive current per channel
Servo input voltage: 5-12V
Module size: 47x38.5mm
Interface Pins:
Digital I/O: x4
Analog I/O: x3
UART: x1
I2C: x1
Motor: x2
GDI: x1
Type-C: x1
Introduction
Features
Specification
Board Overview
Dimension Drawing
Tutorial
Frequently Asked
Questions
More
2024/5/15 10:52
Romeo mini Control Board
(ESP32-C3)
https://wiki.dfrobot.com/SKU_DFR1063_Romeo_mini_Control_Board_ESP32_C3
2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com