Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1071 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR1071
Description  SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1071 Datasheet(HTML) 4 Page - DFROBOT

  DFR1071 Datasheet HTML 1Page - DFROBOT DFR1071 Datasheet HTML 2Page - DFROBOT DFR1071 Datasheet HTML 3Page - DFROBOT DFR1071 Datasheet HTML 4Page - DFROBOT DFR1071 Datasheet HTML 5Page - DFROBOT DFR1071 Datasheet HTML 6Page - DFROBOT DFR1071 Datasheet HTML 7Page - DFROBOT DFR1071 Datasheet HTML 8Page - DFROBOT DFR1071 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
The high precision and resolution of this module make it suitable for control scenarios that require higher
signal accuracy, such as fine speed control or angle control.
FEATURES
Support 3.3V-5V power supply.
Output voltage linearity error of 0.01%.
Two channels of voltage output, either 0-5V or 0-10V, enabling connection and control of standard
analog voltage devices.
Gravity interface, I2C communication, Arduino control, suitable for program automation control.
The high precision and resolution of this module make it suitable for control scenarios that require
higher signal accuracy.
INTRODUCTION
DFR1071-GP8211S (1-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:33
SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com