Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1071 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR1071
Description  SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1071 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR1071 Datasheet HTML 4Page - DFROBOT DFR1071 Datasheet HTML 5Page - DFROBOT DFR1071 Datasheet HTML 6Page - DFROBOT DFR1071 Datasheet HTML 7Page - DFROBOT DFR1071 Datasheet HTML 8Page - DFROBOT DFR1071 Datasheet HTML 9Page - DFROBOT DFR1071 Datasheet HTML 10Page - DFROBOT DFR1071 Datasheet HTML 11Page - DFROBOT DFR1071 Datasheet HTML 12Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SAMPLE CODE
#include <DFRobot_GP8XXX.h>
DFRobot_GP8211S GP8211S;
void setup() {
Serial.begin(9600);
while(GP8211S.begin()!=0){
Serial.println("Communication with the device has encountered a failure. Please verify th
delay(1000);
}
GP8211S.setDACOutRange(GP8211S.eOutputRange10V);
/**
* @brief. Configuring different channel outputs for DAC values
* @param data. Data values corresponding to voltage values
* @n
(0 - 32767).This module is a 15-bit precision DAC module, hence the values ranging f
*/
GP8211S.setDACOutVoltage(21456);//Output 6.548V
delay(1000);
//The set voltage is saved internally in the chip for power-off retention.
//GP8211S.store();
}
void loop() {
}
INTRODUCTION
DFR1071-GP8211S (1-
Channel 15-bit I2C to 0-
5V/10V DAC Module)
FUNCTIONS
FEATURES
DIMENSION
FUNCTIONAL DIAGRAM
SPECIFICATIONS
TUTORIAL
More Documents
FAQ
2024/5/14 18:33
SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI
https://wiki.dfrobot.com/SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com