Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR1075 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR1075
Description  Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR1075 Datasheet(HTML) 4 Page - DFROBOT

  DFR1075 Datasheet HTML 1Page - DFROBOT DFR1075 Datasheet HTML 2Page - DFROBOT DFR1075 Datasheet HTML 3Page - DFROBOT DFR1075 Datasheet HTML 4Page - DFROBOT DFR1075 Datasheet HTML 5Page - DFROBOT DFR1075 Datasheet HTML 6Page - DFROBOT DFR1075 Datasheet HTML 7Page - DFROBOT DFR1075 Datasheet HTML 8Page - DFROBOT DFR1075 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Frame Aggregation: TX/RX A-MPDU, TX/RX A-MSDU
Bluetooth
Bluetooth Protocol: Bluetooth 5, Bluetooth mesh
Bluetooth Frequency: 125 Kbps, 500 Kbps, 1 Mbps, 2 Mbps
IEEE 802.15.4
Compatible with IEEE 802.15.4-2015 protocol
Frequency band: 2.4GHz
Data rate: 250Kbps
Supports Thread 1.3 and Zigbee 3.0
Ports
Digital I/O x19
LED PWM 6 Channel
SPI x1
UART x3 (LP UART x1)
I2C x2 (LP I2C x1)
I2S x1
IR Transceiver: transmit channel x5, receive channel x5
1 × 12-bit SAR ADC, 7 Channel
DMA Controller: transmit channel x3, receive channel x3
Introduction
Features
Specification
Board Overview
Pin Diagram
Tutorial - First Time Use
Basic Tutorial
Advanced Tutorial
Tutorial for MicroPython
FAQ
More Documents
2024/5/14 19:08
Firebeetle 2 Board ESP32-C6 Microcontroller Wiki - DFRobot
https://wiki.dfrobot.com/SKU_DFR1075_FireBeetle_2_Board_ESP32_C6
4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com